Part Number Hot Search : 
50094 5318S21 SSM3K14 SMAJ4759 2SK3703 WP934 C3220VSC 4BTET01
Product Description
Full Text Search
 

To Download FFP-5W3145E0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Fused Coupler, PM Combiner
Key Features
* Low insertion loss * High power handling * Proven reliability * 9xx, 14xx and 15xx variants
Applications
* Erbium doped fiber amplifiers (EDFAs) * Raman amplifiers * Coherent optical communications
The JDSU Fused Coupler, PM Combiner enables the efficient combination of two orthogonally polarized sources of light at the same wavelength such that they are output through the same, single fiber output. In optical amplifiers this provides a doubling of pump power whilst ensuring pump redundancy should a pump failure occur. Applications include high power optical amplifiers and undersea systems. All ports consist of polarization maintaining fiber.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
FUSED COUPLER, PM COMBINER
2
Specifications
Parameter Operating wavelength range1 Insertion loss (fast axis)2 Grade M Grade W Housing option Dimensions (O x L) for 1x2 and 2x2 Insertion loss (slow axis)2 Grade M Grade W Return loss/Directivity TDL Pigtail tensile load Optical power handling Fiber type Pigtail Operating temperature range Storage temperature range
980 nm 980 nm Maximum Maximum 0.40 dB 0.60 dB
S band 1440 to 1475 nm 0.40 dB 0.60 dB
C band 1528 to 1563 nm 0.50 dB 0.70 dB B 3.0 x 71 mm
L band 1570 to 1605 nm 0.50 dB 0.70 dB
Maximum Maximum Minimum Typical Maximum Maximum
0.35 dB 0.40 dB 50 dB 0.15 dB 5N 4W All ports PM fiber Primary-coated fiber -5 to 75 C -40 to 85 C
1. The center wavelength may be selected from within the operating wavelength ranges supplied. 2. Insertion loss over operating channel bandwidth (not including TDL or connector losses).
FUSED COUPLER, PM COMBINER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FFP-SM3245E10 (S band, PM Combiner Grade M, regular housing, 2x2 Channel Center = 1445 nm, Telecoms PM Fiber 400 m buffer, 1 m pigtail, no connector)
FFPCode 5 C L S Passband Wavelength 980 nm C band L band S band Code 3
3
Housing 3.0 (O) x 71 (L) mm primary-coated fiber Code Channel Center1 Last two digits of center wavelength, for examples: 45 1445 nm 50 1550 nm Code 0 1 Pigtail Length2 (Minimum) 0.5 meter 1 meter
Code 1 2
Configuration 1x2 2x2
Code M W
Device Type PM Combiner Grade M PM Combiner Grade W
Code E F G
Fiber Type Telecoms PM fiber 400 m buffer Telecoms PM fiber 250 m buffer 980 nm PM fiber 250 m buffer
Code 0 P R
Connectors3 NONE FC-PM/APC FC-PM/PC
1. Channel center must be within the selected passband wavelength. 2. Minimum pigtail length. Other pigtail lengths available on request. 3. Insertion loss in specification table does not include connector loss. Other connectors available on request.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10140142 Rev. 004 02/06 FFPCOMBINER.DS.CC.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of FFP-5W3145E0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X